Part Number Hot Search : 
SPM3211 LC7940K TT6061J SFH263F PC2501 PUMB14 TC4553 T600C
Product Description
Full Text Search
 

To Download L29C520 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 L29C520/521
DEVICES INCORPORATED
4 x 8-bit Multilevel Pipeline Register
L29C520/521
DEVICES INCORPORATED
4 x 8-bit Multilevel Pipeline Register
DESCRIPTION
The L29C520 and L29C521 are pinfor-pin compatible with the IDT29FCT520/IDT29FCT521 and AMD Am29520/Am29521, implemented in low power CMOS. The L29C520 and L29C521 contain four registers which can be configured as two independent, 2-level pipelines or as one 4-level pipeline. The Instruction pins, I1-0, control the loading of the registers. For either device, the registers may be configured as a four-stage delay line, with data loaded into R1 and shifted sequentially through R2, R3, and R4. Also, for the L29C520, data may be loaded from the inputs into either R1 or R3 with only R2 or R4 shifting. The L29C521 differs from the L29C520 in that R2 and R4 remain unchanged during this type of data load, as shown in Tables 1 and 2. Finally, I1-0 may be set to prevent any register from changing. The S1-0 select lines control a 4-to-1 multiplexer which routes the contents of any of the registers to the Y output pins. The independence of the I and S controls allows simultaneous write and read operations on different registers.
FEATURES
u Four 8-bit Registers u Implements Double 2-Stage Pipeline or Single 4-Stage Pipeline Register u Hold, Shift, and Load Instructions u Separate Data In and Data Out Pins u High-Speed, Low Power CMOS Technology u Three-State Outputs u Replaces IDT29FCT520/IDT29FCT521 and AMD Am29520/Am29521 u Package Styles Available: * 24-pin PDIP * 28-pin PLCC, J-Lead
TABLE 1. L29C520 INSTRUCTION TABLE
I1 L L H H I0 L H L H Description D(c)R1 HOLD D(c)R1 R1(c)R2 HOLD R1(c)R2 R2(c)R3 D(c)R3 HOLD R3(c)R4 R3(c)R4 HOLD
ALL REGISTERS ON HOLD
TABLE 2. L29C521 INSTRUCTION TABLE
I1 L L H I0 L H L H Description D(c)R1 HOLD D(c)R1 R1(c)R2 HOLD HOLD R2(c)R3 D(c)R3 HOLD R3(c)R4 HOLD HOLD
L29C520/521 BLOCK DIAGRAM
H
ALL REGISTERS ON HOLD
TABLE 3.
REGISTER 1 REGISTER 2
OUTPUT SELECT
S1 S0
MUX
Register Selected Register 4 Register 3 Register 2 Register 1
8
D8-0
L L
REG 1 REG 2 REG 3 REG 4
L H L H
H
MUX
8
Y7-0 OE
2
H
REGISTER 3
REGISTER 4
S1-0
2
I1-0 CLK
Pipeline Registers
1
08/02/2000-LDS.520/1-P
L29C520/521
DEVICES INCORPORATED
4 x 8-bit Multilevel Pipeline Register
MAXIMUM RATINGS Above which useful life may be impaired (Notes 1, 2, 3, 8)
Storage temperature ........................................................................................................... -65C to +150C Operating ambient temperature ........................................................................................... -55C to +125C VCC supply voltage with respect to ground ............................................................................ -0.5 V to +7.0 V Input signal with respect to ground ........................................................................................ -3.0 V to +7.0 V Signal applied to high impedance output ............................................................................... -3.0 V to +7.0 V Output current into low outputs ............................................................................................................. 25 mA Latchup current ............................................................................................................................... > 400 mA
OPERATING CONDITIONS To meet specified electrical and switching characteristics
Mode Active Operation, Commercial Active Operation, Military Temperature Range (Ambient) 0C to +70C -55C to +125C Supply Voltage 4.75 V VCC 5.25 V 4.50 V VCC 5.50 V
ELECTRICAL CHARACTERISTICS Over Operating Conditions (Note 4)
Symbol VOH VOL VIH VIL IIX IOZ ICC1 ICC2 Parameter Output High Voltage Output Low Voltage Input High Voltage Input Low Voltage Input Current Output Leakage Current VCC Current, Dynamic VCC Current, Quiescent
(Note 3)
Test Condition VCC = Min., IOH = -15.0 mA VCC = Min., IOL = 24.0 mA
Min 2.4
Typ
Max
Unit V
0.5 2.0 0.0 VCC 0.8 20 20 30 1.5
V V V A A mA mA
Ground VIN VCC (Note 12) Ground VOUT VCC (Note 12)
(Notes 5, 6) (Note 7)
Pipeline Registers
2
08/02/2000-LDS.520/1-P
9876543210987654321 9876543210987654321 4321098765432121098765432109876543210987654321 4321098765432121098765432109876543210987654321 4321098765432121098765432109876543210987654321 4321098765432121098765432109876543210987654321 4321098765432121098765432109876543210987654321 4321098765432121098765432109876543210987654321 4321098765432121098765432109876543210987654321 4321098765432121098765432109876543210987654321 4321098765432121098765432109876543210987654321 4321098765432121098765432109876543210987654321 4321098765432121098765432109876543210987654321 4321098765432121098765432109876543210987654321 4321098765432121098765432109876543210987654321 4321098765432121098765432109876543210987654321 4321098765432121098765432109876543210987654321 4321098765432121098765432109876543210987654321 4321098765432121098765432109876543210987654321 4321098765432121098765432109876543210987654321 4321098765432121098765432109876543210987654321 4321098765432121098765432109876543210987654321 4321098765432121098765432109876543210987654321 4321098765432121098765432109876543210987654321 4321098765432121098765432109876543210987654321 4321098765432121098765432109876543210987654321 4321098765432121098765432109876543210987654321 4321098765432121098765432109876543210987654321 4321098765432121098765432109876543210987654321 4321098765432121098765432109876543210987654321 4321098765432121098765432109876543210987654321 4321098765432121098765432109876543210987654321 4321098765432121098765432109876543210987654321 4321098765432121098765432109876543210987654321 4321098765432121098765432109876543210987654321 4321098765432121098765432109876543210987654321 4321098765432121098765432109876543210987654321
Min
DEVICES INCORPORATED
COMMERCIAL OPERATING RANGE (0C to +70C) Notes 9, 10 (ns)
SWITCHING CHARACTERISTICS
4 x 8-bit Multilevel Pipeline Register
L29C520/521-
6543210987654321 6543210987654321 6543210987654321 6543210987654321 6543210987654321 6543210987654321 6543210987654321 6543210987654321 6543210987654321 6543210987654321 6543210987654321 6543210987654321 6543210987654321 6543210987654321 6543210987654321 6543210987654321 6543210987654321 6543210987654321 6543210987654321 6543210987654321 6543210987654321 6543210987654321 6543210987654321 6543210987654321 6543210987654321 6543210987654321 6543210987654321 6543210987654321 6543210987654321 6543210987654321 6543210987654321 6543210987654321 6543210987654321 6543210987654321 6543210987654321
Min
Symbol
Symbol
SWITCHING WAVEFORMS
MILITARY OPERATING RANGE (-55C to +125C) Notes 9, 10 (ns)
tDIS
tENA
tHD
tSD
tHI
tSI
tPW
tSEL
tPD
tDIS
tENA
tHD
tSD
tHI
tSI
tPW
tSEL
tPD
Parameter
Three-State Output Disable Delay (Note 11)
Three-State Output Enable Delay (Note 11)
Data Hold Time
Data Setup Time
Instruction Hold Time
Instruction Setup Time
Clock Pulse Width
Select to Output Delay
Clock to Output Delay
Three-State Output Disable Delay (Note 11)
Three-State Output Enable Delay (Note 11)
Data Hold Time
Data Setup Time
Instruction Hold Time
Instruction Setup Time
Clock Pulse Width
Select to Output Delay
Clock to Output Delay
Parameter
CLK
D7-0
Y7-0
S1-0
OE
I1-0
tSD
tSI
tSEL
tPD
tHI
3
tHD tPW tDIS
15
15
15
5
5
30*
Max
20
25
30
30
tPW
HIGH IMPEDANCE
L29C520/521- 24*
Min
Min
10
10
10
10
10
10
3
3
3
3
22
Pipeline Registers
tENA
Max
Max
15
21
20
22
16
22
22
24
*DISCONTINUED SPEED GRADE
L29C520/521
08/02/2000-LDS.520/1-P
Min
5
1
5
1
7
6
2
6
2
8
14*
16*
Max
Max
12
15
13
14
13 16 15 16
L29C520/521
DEVICES INCORPORATED
4 x 8-bit Multilevel Pipeline Register
NOTES
9. AC specifications are tested with input transition times less than 3 ns, output reference levels of 1.5 V (except tDIS test), and input levels of nominally 0 to 3.0 V. Output loading may be a resistive divider which provides for specified IOH and IOL at an output voltage of VOH min and VOL max 2. The products described by this spec- respectively. Alternatively, a diode ification include internal circuitry de- bridge with upper and lower current signed to protect the chip from damagsources of IOH and IOL respectively, ing substrate injection currents and ac- and a balancing voltage of 1.5 V may be cumulations of static charge. Neverthe- used. Parasitic capacitance is 30 pF less, conventional precautions should minimum, and may be distributed. be observed during storage, handling, and use of these circuits in order to This device has high-speed outputs caavoid exposure to excessive electrical pable of large instantaneous current stress values. pulses and fast turn-on/turn-off times. As a result, care must be exercised in the 3. This device provides hard clamping of testing of this device. The following transient undershoot and overshoot. In- measures are recommended: put levels below ground or above VCC will be clamped beginning at -0.6 V and a. A 0.1 F ceramic capacitor should be VCC + 0.6 V. The device can withstand installed between VCC and Ground indefinite operation with inputs in the leads as close to the Device Under Test range of -0.5 V to +7.0 V. Device opera- (DUT) as possible. Similar capacitors tion will not be adversely affected, how- should be installed between device VCC ever, input current levels will be well in and the tester common, and device ground and tester common. excess of 100 mA. 4. Actual test conditions may vary from b. Ground and VCC supply planes those designated but operation is guar- must be brought directly to the DUT anteed as specified. socket or contactor fingers. 5. Supply current for a given applica- c. Input voltages should be adjusted to tion can be accurately approximated by: compensate for inductive ground and VCC noise to maintain required DUT input NCV2 F levels relative to the DUT ground pin. 4 where 10. Each parameter is shown as a minN = total number of device outputs C = capacitive load per output V = supply voltage F = clock frequency 6. Tested with all outputs changing every cycle and no load, at a 5 MHz clock rate. 7. Tested with all inputs within 0.1 V of VCC or Ground, no load. 8. These parameters are guaranteed but not 100% tested. imum or maximum value. Input requirements are specified from the point of view of the external system driving the chip. Setup time, for example, is specified as a minimum since the external system must supply at least that much time to meet the worst-case requirements of all parts. Responses from the internal circuitry are specified from the point of view of the device. Output delay, for example, is specified as a maximum since worst-case operation of any device always provides data within that time. 1. Maximum Ratings indicate stress specifications only. Functional operation of these products at values beyond those indicated in the Operating Conditions table is not implied. Exposure to maximum rating conditions for extended periods may affect reliability. 11. For the tENA test, the transition is measured to the 1.5 V crossing point with datasheet loads. For the tDIS test, the transition is measured to the 200mV level from the measured steady-state output voltage with 10mA loads. The balancing voltage, VTH, is set at 3.5 V for Z-to-0 and 0-to-Z tests, and set at 0 V for Zto-1 and 1-to-Z tests. 12. These parameters are only tested at the high temperature extreme, which is the worst case for leakage current.
FIGURE A. OUTPUT LOADING CIRCUIT
DUT
S1 IOL CL IOH VTH
FIGURE B. THRESHOLD LEVELS
tENA OE
Z 0
1.5 V 1.5 V 1.5 V
tDIS
3.5V Vth VOL*
0.2 V
0 1
Z Z
1.5 V
VOH*
0.2 V
Z
1
0V Vth VOL* Measured VOL with IOH = -10mA and IOL = 10mA VOH* Measured VOH with IOH = -10mA and IOL = 10mA
Pipeline Registers
4
08/02/2000-LDS.520/1-P
L29C520/521
DEVICES INCORPORATED
4 x 8-bit Multilevel Pipeline Register
L29C520 -- ORDERING INFORMATION
24-pin -- 0.3" wide 28-pin
Speed
Plastic DIP (P2)
Plastic J-Lead Chip Carrier (J4) L29C520JC22
0C to +70C -- COMMERCIAL SCREENING
22 ns L29C520PC22
-55C to +125C -- COMMERCIAL SCREENING
-55C to +125C -- MIL-STD-883 COMPLIANT
D7 CLK GND OE Y7 Y6 NC
I0 I1 D0 D1 D2 D3 D4 D5 D6 D7 CLK GND
1 2 3 4 5 6 7 8 9 10 11 12
24 23 22 21 20 19 18 17 16 15 14 13
VCC S0 S1 Y0 Y1 Y2 Y3 Y4 Y5 Y6 Y7 OE
D1 D2 D3 D4 D5 D6 NC
NC D0 I1 I0 VCC S0 S1
5 6 7 8 9 10 11 4 3 2 1 28 27 26 25 24
Top View
23 22 21 20
19 12 13 14 15 16 17 18
NC Y0 Y1 Y2 Y3 Y4 Y5
Pipeline Registers
5
08/02/2000-LDS.520/1-P
7654321098765432121098765432109876543210987654321765432109876543212109876543210987654321098765432 76543210987654321210987654321098765432109876543217654321098765432121098765432109876543210987654321 76543210987654321210987654321098765432109876543217654321098765432121098765432109876543210987654321 76543210987654321210987654321098765432109876543217654321098765432121098765432109876543210987654321 76543210987654321210987654321098765432109876543217654321098765432121098765432109876543210987654321 76543210987654321210987654321098765432109876543217654321098765432121098765432109876543210987654321 76543210987654321210987654321098765432109876543217654321098765432121098765432109876543210987654321 76543210987654321210987654321098765432109876543217654321098765432121098765432109876543210987654321 76543210987654321210987654321098765432109876543217654321098765432121098765432109876543210987654321 76543210987654321210987654321098765432109876543217654321098765432121098765432109876543210987654321 76543210987654321210987654321098765432109876543217654321098765432121098765432109876543210987654321 76543210987654321210987654321098765432109876543217654321098765432121098765432109876543210987654321 76543210987654321210987654321098765432109876543217654321098765432121098765432109876543210987654321 76543210987654321210987654321098765432109876543217654321098765432121098765432109876543210987654321 76543210987654321210987654321098765432109876543217654321098765432121098765432109876543210987654321 76543210987654321210987654321098765432109876543217654321098765432121098765432109876543210987654321 76543210987654321210987654321098765432109876543217654321098765432121098765432109876543210987654321 76543210987654321210987654321098765432109876543217654321098765432121098765432109876543210987654321 76543210987654321210987654321098765432109876543217654321098765432121098765432109876543210987654321 76543210987654321210987654321098765432109876543217654321098765432121098765432109876543210987654321 76543210987654321210987654321098765432109876543217654321098765432121098765432109876543210987654321 76543210987654321210987654321098765432109876543217654321098765432121098765432109876543210987654321 76543210987654321210987654321098765432109876543217654321098765432121098765432109876543210987654321 76543210987654321210987654321098765432109876543217654321098765432121098765432109876543210987654321 76543210987654321210987654321098765432109876543217654321098765432121098765432109876543210987654321 76543210987654321210987654321098765432109876543217654321098765432121098765432109876543210987654321 76543210987654321210987654321098765432109876543217654321098765432121098765432109876543210987654321 76543210987654321210987654321098765432109876543217654321098765432121098765432109876543210987654321 76543210987654321210987654321098765432109876543217654321098765432121098765432109876543210987654321 76543210987654321210987654321098765432109876543217654321098765432121098765432109876543210987654321 76543210987654321210987654321098765432109876543217654321098765432121098765432109876543210987654321 76543210987654321210987654321098765432109876543217654321098765432121098765432109876543210987654321 76543210987654321210987654321098765432109876543217654321098765432121098765432109876543210987654321 76543210987654321210987654321098765432109876543217654321098765432121098765432109876543210987654321 76543210987654321210987654321098765432109876543217654321098765432121098765432109876543210987654321 76543210987654321210987654321098765432109876543217654321098765432121098765432109876543210987654321 76543210987654321210987654321098765432109876543217654321098765432121098765432109876543210987654321 76543210987654321210987654321098765432109876543217654321098765432121098765432109876543210987654321 76543210987654321210987654321098765432109876543217654321098765432121098765432109876543210987654321 76543210987654321210987654321098765432109876543217654321098765432121098765432109876543210987654321 76543210987654321210987654321098765432109876543217654321098765432121098765432109876543210987654321 76543210987654321210987654321098765432109876543217654321098765432121098765432109876543210987654321 76543210987654321210987654321098765432109876543217654321098765432121098765432109876543210987654321 76543210987654321210987654321098765432109876543217654321098765432121098765432109876543210987654321 76543210987654321210987654321098765432109876543217654321098765432121098765432109876543210987654321 76543210987654321210987654321098765432109876543217654321098765432121098765432109876543210987654321 76543210987654321210987654321098765432109876543217654321098765432121098765432109876543210987654321 76543210987654321210987654321098765432109876543217654321098765432121098765432109876543210987654321 76543210987654321210987654321098765432109876543217654321098765432121098765432109876543210987654321 76543210987654321210987654321098765432109876543217654321098765432121098765432109876543210987654321 76543210987654321210987654321098765432109876543217654321098765432121098765432109876543210987654321 76543210987654321210987654321098765432109876543217654321098765432121098765432109876543210987654321 76543210987654321210987654321098765432109876543217654321098765432121098765432109876543210987654321 76543210987654321210987654321098765432109876543217654321098765432121098765432109876543210987654321 76543210987654321210987654321098765432109876543217654321098765432121098765432109876543210987654321 76543210987654321210987654321098765432109876543217654321098765432121098765432109876543210987654321 76543210987654321210987654321098765432109876543217654321098765432121098765432109876543210987654321 76543210987654321210987654321098765432109876543217654321098765432121098765432109876543210987654321 76543210987654321210987654321098765432109876543217654321098765432121098765432109876543210987654321 76543210987654321210987654321098765432109876543217654321098765432121098765432109876543210987654321 76543210987654321210987654321098765432109876543217654321098765432121098765432109876543210987654321 76543210987654321210987654321098765432109876543217654321098765432121098765432109876543210987654321 76543210987654321210987654321098765432109876543217654321098765432121098765432109876543210987654321 76543210987654321210987654321098765432109876543217654321098765432121098765432109876543210987654321 76543210987654321210987654321098765432109876543217654321098765432121098765432109876543210987654321 76543210987654321210987654321098765432109876543217654321098765432121098765432109876543210987654321 76543210987654321210987654321098765432109876543217654321098765432121098765432109876543210987654321 76543210987654321210987654321098765432109876543217654321098765432121098765432109876543210987654321 1 76543210987654321210987654321098765432109876543217654321098765432121098765432109876543210987654321
DEVICES INCORPORATED
22 ns
Speed
L29C520 -- ORDERING INFORMATION
-55C to +125C -- MIL-STD-883 COMPLIANT
-55C to +125C -- COMMERCIAL SCREENING
0C to +70C -- COMMERCIAL SCREENING
24-pin
I0 I1 D0 D1 D2 D3 D4 D5 D6 D7 CLK GND
Discontinued Package
Ceramic Flatpack (M1)
1 2 3 4 5 6 7 8 9 10 11 12
24 23 22 21 20 19 18 17 16 15 14 13
VCC S0 S1 Y0 Y1 Y2 Y3 Y4 Y5 Y6 Y7 OE
6
24-pin -- 0.209" wide
4 x 8-bit Multilevel Pipeline Register
I0 I1 D0 D1 D2 D3 D4 D5 D6 D7 CLK GND
Discontinued Package
Plastic SSOP (S1)
1 2 3 4 5 6 7 8 9 10 11 12
24 23 22 21 20 19 18 17 16 15 14 13
Pipeline Registers
VCC S0 S1 Y0 Y1 Y2 Y3 Y4 Y5 Y6 Y7 OE
L29C520/521
08/02/2000-LDS.520/1-P
DEVICES INCORPORATED
L29C521 -- ORDERING INFORMATION
7654321098765432121098765432109876543210987654321 7654321098765432121098765432109876543210987654321 7654321098765432121098765432109876543210987654321 7654321098765432121098765432109876543210987654321 7654321098765432121098765432109876543210987654321 7654321098765432121098765432109876543210987654321 7654321098765432121098765432109876543210987654321 7654321098765432121098765432109876543210987654321 7654321098765432121098765432109876543210987654321 7654321098765432121098765432109876543210987654321 7654321098765432121098765432109876543210987654321 7654321098765432121098765432109876543210987654321 7654321098765432121098765432109876543210987654321 7654321098765432121098765432109876543210987654321 7654321098765432121098765432109876543210987654321 7654321098765432121098765432109876543210987654321 7654321098765432121098765432109876543210987654321 7654321098765432121098765432109876543210987654321 7654321098765432121098765432109876543210987654321 7654321098765432121098765432109876543210987654321 7654321098765432121098765432109876543210987654321 7654321098765432121098765432109876543210987654321 7654321098765432121098765432109876543210987654321 7654321098765432121098765432109876543210987654321 7654321098765432121098765432109876543210987654321 7654321098765432121098765432109876543210987654321 7654321098765432121098765432109876543210987654321 7654321098765432121098765432109876543210987654321 7654321098765432121098765432109876543210987654321 7654321098765432121098765432109876543210987654321 7654321098765432121098765432109876543210987654321 7654321098765432121098765432109876543210987654321 7654321098765432121098765432109876543210987654321 7654321098765432121098765432109876543210987654321 7654321098765432121098765432109876543210987654321 7654321098765432121098765432109876543210987654321 7654321098765432121098765432109876543210987654321 7654321098765432121098765432109876543210987654321 7654321098765432121098765432109876543210987654321 7654321098765432121098765432109876543210987654321 7654321098765432121098765432109876543210987654321 7654321098765432121098765432109876543210987654321 7654321098765432121098765432109876543210987654321 7654321098765432121098765432109876543210987654321 7654321098765432121098765432109876543210987654321 7654321098765432121098765432109876543210987654321 7654321098765432121098765432109876543210987654321 7654321098765432121098765432109876543210987654321 7654321098765432121098765432109876543210987654321 7654321098765432121098765432109876543210987654321 7654321098765432121098765432109876543210987654321 7654321098765432121098765432109876543210987654321 7654321098765432121098765432109876543210987654321 7654321098765432121098765432109876543210987654321 7654321098765432121098765432109876543210987654321 7654321098765432121098765432109876543210987654321 7654321098765432121098765432109876543210987654321 7654321098765432121098765432109876543210987654321 7654321098765432121098765432109876543210987654321 7654321098765432121098765432109876543210987654321 7654321098765432121098765432109876543210987654321 7654321098765432121098765432109876543210987654321 7654321098765432121098765432109876543210987654321 7654321098765432121098765432109876543210987654321 7654321098765432121098765432109876543210987654321 7654321098765432121098765432109876543210987654321 7654321098765432121098765432109876543210987654321 7654321098765432121098765432109876543210987654321 7654321098765432121098765432109876543210987654321
28-pin
Speed
22 ns
-55C to +125C -- MIL-STD-883 COMPLIANT
-55C to +125C -- COMMERCIAL SCREENING
0C to +70C -- COMMERCIAL SCREENING
24-pin -- 0.3" wide
I0 I1 D0 D1 D2 D3 D4 D5 D6 D7 CLK GND
L29C521PC22
Plastic DIP (P2)
1 2 3 4 5 6 7 8 9 10 11 12
24 23 22 21 20 19 18 17 16 15 14 13
VCC S0 S1 Y0 Y1 Y2 Y3 Y4 Y5 Y6 Y7 OE
7
4 x 8-bit Multilevel Pipeline Register
D1 D2 D3 D4 D5 D6 NC
Plastic J-Lead Chip Carrier (J4)
Discontinued Package
11
10
9
8
7
6
5
19 12 13 14 15 16 17 18
4
3
2
Top View
1 28 27 26 25
Pipeline Registers
D7 CLK GND OE Y7 Y6 NC
20 21 22 23 24
L29C520/521
NC Y0 Y1 Y2 Y3 Y4 Y5
08/02/2000-LDS.520/1-P
NC D0 I1 I0 VCC S0 S1
765432109876543212109876543210987654321098765432 7654321098765432121098765432109876543210987654321 7654321098765432121098765432109876543210987654321 7654321098765432121098765432109876543210987654321 7654321098765432121098765432109876543210987654321 7654321098765432121098765432109876543210987654321 7654321098765432121098765432109876543210987654321 7654321098765432121098765432109876543210987654321 7654321098765432121098765432109876543210987654321 7654321098765432121098765432109876543210987654321 7654321098765432121098765432109876543210987654321 7654321098765432121098765432109876543210987654321 7654321098765432121098765432109876543210987654321 7654321098765432121098765432109876543210987654321 7654321098765432121098765432109876543210987654321 7654321098765432121098765432109876543210987654321 7654321098765432121098765432109876543210987654321 7654321098765432121098765432109876543210987654321 7654321098765432121098765432109876543210987654321 7654321098765432121098765432109876543210987654321 7654321098765432121098765432109876543210987654321 7654321098765432121098765432109876543210987654321 7654321098765432121098765432109876543210987654321 7654321098765432121098765432109876543210987654321 7654321098765432121098765432109876543210987654321 7654321098765432121098765432109876543210987654321 7654321098765432121098765432109876543210987654321 7654321098765432121098765432109876543210987654321 7654321098765432121098765432109876543210987654321 7654321098765432121098765432109876543210987654321 7654321098765432121098765432109876543210987654321 7654321098765432121098765432109876543210987654321 7654321098765432121098765432109876543210987654321 7654321098765432121098765432109876543210987654321 7654321098765432121098765432109876543210987654321 7654321098765432121098765432109876543210987654321 7654321098765432121098765432109876543210987654321 7654321098765432121098765432109876543210987654321 7654321098765432121098765432109876543210987654321 7654321098765432121098765432109876543210987654321 7654321098765432121098765432109876543210987654321 7654321098765432121098765432109876543210987654321 7654321098765432121098765432109876543210987654321 7654321098765432121098765432109876543210987654321 7654321098765432121098765432109876543210987654321 7654321098765432121098765432109876543210987654321 7654321098765432121098765432109876543210987654321 7654321098765432121098765432109876543210987654321 7654321098765432121098765432109876543210987654321 7654321098765432121098765432109876543210987654321 7654321098765432121098765432109876543210987654321 7654321098765432121098765432109876543210987654321 7654321098765432121098765432109876543210987654321 7654321098765432121098765432109876543210987654321 7654321098765432121098765432109876543210987654321 7654321098765432121098765432109876543210987654321 7654321098765432121098765432109876543210987654321 7654321098765432121098765432109876543210987654321 7654321098765432121098765432109876543210987654321 7654321098765432121098765432109876543210987654321 7654321098765432121098765432109876543210987654321 7654321098765432121098765432109876543210987654321 7654321098765432121098765432109876543210987654321 7654321098765432121098765432109876543210987654321 7654321098765432121098765432109876543210987654321 7654321098765432121098765432109876543210987654321 7654321098765432121098765432109876543210987654321 7654321098765432121098765432109876543210987654321 7654321098765432121098765432109876543210987654321 7654321098765432121098765432109876543210987654321 7654321098765432121098765432109876543210987654321 654321098765432121098765432109876543210987654321 7654321098765432121098765432109876543210987654321 7 1
DEVICES INCORPORATED
Speed
L29C521 -- ORDERING INFORMATION
-55C to +125C -- MIL-STD-883 COMPLIANT
-55C to +125C -- COMMERCIAL SCREENING
0C to +70C -- COMMERCIAL SCREENING
24-pin
I0 I1 D0 D1 D2 D3 D4 D5 D6 D7 CLK GND
Discontinued Package
Ceramic Flatpack (M1)
1 2 3 4 5 6 7 8 9 10 11 12
24 23 22 21 20 19 18 17 16 15 14 13
VCC S0 S1 Y0 Y1 Y2 Y3 Y4 Y5 Y6 Y7 OE
8
4 x 8-bit Multilevel Pipeline Register
Pipeline Registers L29C520/521
08/02/2000-LDS.520/1-P


▲Up To Search▲   

 
Price & Availability of L29C520

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X